Part Number Hot Search : 
2SK192 910511 ACT8310 L6205D KL07ES SL1505 LM324A HV9112X
Product Description
Full Text Search
 

To Download SBL1060 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPICE MODEL: SBL1030 SBL1035 SBL1040 SBL1045 SBL1050 SBL1060
SBL1030 - SBL1060
10A SCHOTTKY BARRIER RECTIFIER Features
* * * * * * *
Schottky Barrier Chip Guard Ring Die Construction for Transient Protection Low Power Loss, High Efficiency High Surge Capability High Current Capability and Low Forward Voltage Drop For Use in Low Voltage, High Frequency Inverters, Free Wheeling, and Polarity Protection Applications Lead Free Finish, RoHS Compliant (Note 3)
K C D A B L M
TO-220AC Dim A B C D E G
E G J R P
Pin 1 + Pin 2 + Case
Min 14.48 10.00 2.54 5.90 2.80 12.70 0.69 3.54 4.07 1.15 0.30 2.04 4.83
Max 15.75 10.40 3.43 6.40 3.93 14.27 0.93 3.78 4.82 1.39 0.50 2.79 5.33
Mechanical Data
* * * * * * *
Case: TO-220AC Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Polarity: See Diagram Terminals: Finish - Bright Tin. Solderable per MIL-STD-202, Method 208 Marking: Type Number Weight: 2.24 grams (approx.)
Pin 1
Pin 2
J K L M N P R
N
All Dimensions in mm
Maximum Ratings and Electrical Characteristics
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current @ TC = 95C (Note 1) Symbol VRRM VRWM VR VR(RMS) IO IFSM VFM IRM Cj RqJC Tj, TSTG SBL 1030 30 21
@ TA = 25C unless otherwise specified
SBL 1035 35 24.5
SBL 1040 40 28 10 250 0.60 1.0 50 700 3.5
SBL 1045 45 31.5
SBL 1050 50 35
SBL 1060 60 42
Unit V V A A
Non-Repetitive Peak Forward Surge Current 8.3ms Single half sine-wave superimposed on rated load (JEDEC Method) Forward Voltage Drop Peak Reverse Current at Rated DC Blocking Voltage Typical Junction Capacitance Thermal Resistance Junction to Case Operating and Storage Temperature Range
Notes:
@ IF = 10A, TC = 25C @ TC = 25C @ TC = 100C (Note 2) (Note 1)
0.75
V mA pF C/W C
-65 to +150
1. Thermal resistance junction to case mounted on heatsink. 2. Measured at 1.0MHz and applied reverse voltage of 4.0V DC. 3. RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see EU Directive Annex Notes 5 and 7.
DS23042 Rev. 4 - 2
1 of 3 www.diodes.com
SBL1030 - SBL1060
a Diodes Incorporated
16
IF, INSTANTANEOUS FORWARD CURRENT (A)
20
100
I(AV), AVERAGE FORWARD CURRENT (A)
SBL1030CT - SBL10450CT
10
12
8
SBL1050CT - SBL1060CT
1.0
4
0 0 50 100 150 TC, CASE TEMPERATURE ( C) Fig. 1 Forward Current Derating Curve
0.1 0.2 0.4 0.6 0.8
VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics
IFSM, PEAK FORWARD SURGE CURRENT (A)
300
8.3 ms single half-sine-wave JEDEC method
4000
Tj = 25 C
250
Cj, CAPACITANCE (pF)
200
1000
150
100
50
100 0.1
0 1 10 NUMBER OF CYCLES AT 60Hz Fig. 3 Max Non-Repetitive Surge Current
IR, INSTANTANEOUS REVERSE CURRENT (mA)
100
100
1.0
10
100
VR, REVERSE VOLTAGE (V) Fig. 4 Typical Junction Capacitance per Element
10
Tj = 100 C
1.0
Tj = 75 C
0.1
Tj = 25 C
0.01 0 40 80 120 PERCENT OF RATED PEAK REVERSE VOLTAGE (%) Fig. 5 Typical Reverse Characteristics
DS23042 Rev. 4 - 2
2 of 3 www.diodes.com
SBL1030 - SBL1060
Ordering Information
Device SBL10xx*
(Note 4) Packaging TO-220AC Shipping 50/Tube
* xx = Device type, e.g. SBL1045 Notes: 4. For packaging details, visit our website at http://www.diodes.com/datasheets/ap02008.pdf.
DS23042 Rev. 4 - 2
3 of 3 www.diodes.com
SBL1030 - SBL1060


▲Up To Search▲   

 
Price & Availability of SBL1060

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X